Part Number Hot Search : 
500000 3579S80 08400 P4SMA68C ADC325 AT7822 HD29050P W24S12
Product Description
Full Text Search
 

To Download TC1N4728A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R) SEM IC O N DU C TO R
1 Watt DO-41 Hermetically
Sealed Glass Zener Voltage Regulators
AXIAL LEAD DO41
Absolute Maximum Ratings
Parameter Storage Temperature Range
TA = 25C unless otherwise noted Value -65 to +200 +200 1.0 53.5 100 Units C C Watt C / W C / W
DEVICE MARKING DIAGRAM
Maximum Junction Operating Temperature Total Device Dissipation Thermal Resistance Junction to Lead Thermal Resistance Junction to Ambient
L 1N 47 xx T
L : Logo Device Code : TC1N47xxT VZ Tolerance (T) : A = 5% C = 2%
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 3.3 to 56 Volts DO-41 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Terminal Finish Cathode Indicated By Polarity Band
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Device Type TC1N4728A TC1N4729A TC1N4730A TC1N4731A TC1N4732A TC1N4733A TC1N4734A TC1N4735A TC1N4736A TC1N4737A TC1N4738A TC1N4739A TC1N4740A TC1N4741A TC1N4742A TC1N4743A VZ @ IZT (Volts) Nominal 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13
TA = 25C unless otherwise noted ZZT @ IZT IZT IZK () (mA) (mA) Max 76 69 64 58 53 49 45 41 37 34 31 28 25 23 21 19 10 10 9 9 8 7 5 2 3.5 4 4.5 5 7 8 9 10 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.25 0.25 0.25 0.25
ZZK @ IZK () Max 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700
IR @ VR (A) Max 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5
VR (Volts) 1 1 1 1 1 1 2 3 4 5 6 7 7.6 8.4 9.1 9.9
Number: DB-031 August 2008 / E Page 1
TC1N4728A through TC1N4758A
TAK CHEONG
Electrical Characteristics
Device Type
TC1N4744A TC1N4745A TC1N4746A TC1N4747A TC1N4748A TC1N4749A TC1N4750A TC1N4751A TC1N4752A TC1N4753A TC1N4754A TC1N4755A TC1N4756A TC1N4757A TC1N4758A
(R) SEM IC O N DU C TO R
TA = 25C unless otherwise noted
VZ @ IZT (Volts) Nominal
15 16 18 20 22 24 27 30 33 36 39 43 47 51 56
IZT (mA)
17 15.5 14 12.5 11.5 10.5 9.5 8.5 7.5 7 6.5 6 5.5 5 4.5
ZZT @ IZT () Max
14 16 20 22 23 25 35 40 45 50 60 70 80 95 110
IZK (mA)
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
ZZK @ IZK () Max
700 700 700 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000
IR @ VR (A) Max
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
VR (Volts)
11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types Notes: 1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ) The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. Device tolerance of 2% is indicated by a "C" instead of an "A". 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest Tak Cheong representative. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. ZENER IMPEDANCE (ZZ) DERIVATION The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
Number: DB-031 August 2008 / E Page 2
TAK CHEONG
Typical Characteristics
1.0
(R) SEM IC O N DU C TO R
1000
PD-Power Passipation [W]
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 20 40 60 80 100 120 140 160 180 200
Total Capacitance [pF]
VR = 0V VR = 2V VR = 5V
f = 1MHz Ta = 25
100
VR = 20V
10
VR = 30V
1 0 5 10 15 20 25 30 35 40 45 50 55 60
Temperature []
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at ambient temperature
VZ - Reverse Voltage [V]
Figure 2. Total Capacitance
Differential Zener Impedance []
1000
Iz=1mA
1000
Iz=2mA Iz=5mA Iz=10mA
Ta = 25
Forward Current [mA] 100
Ta = 25
100
10
10
1
1
0.1 0 10 20 30 40 VZ - Reverse Voltage [V] 50 60
0.1 0 0.2 0.4 0.6 0.8 VF - Forw ard Voltage [V] 1 1.2
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
1000
100
Reverse Current [mA]
Reverse Current [mA]
100
10 PD=500mW Ta = 25 1
10
PD=500mW Ta = 25
1
0.1
0.1 0 3 6 9 VZ - Reverse Voltage [V] 12 15
0.01 10 20 30 40 50 VZ - Reverse Voltage [V] 60 70
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Number: DB-031 August 2008 / E Page 3
TAK CHEONG
Package Outline
Package
(R) SEM IC O N DU C TO R
Case Outline
D0-41 DO-41 DIM
Min
Millimeters
Max Min
Inches
Max
A B C D
0.72
0.86
0.028
0.034
4.07
5.20
0.160
0.205
25.40
---
1.000
---
2.04
2.71
0.080
0.107
Notes: 1. 2. All dimensions are within JEDEC standard. DO41 polarity denoted by cathode band.
Number: DB-031 August 2008 / E Page 4
TAK CHEONG
(R)
DISC LA I MER NOTIC E
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make changes without notice for the specification of the products displayed herein. The product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such improper use of sale. This publication supersedes & replaces all information reviously supplied. For additional information, please visit our website http://www.takcheong.com, or consult your nearest Tak Cheong's sales office for further assistance.
Number: DB-100 April 14, 2008 / A


▲Up To Search▲   

 
Price & Availability of TC1N4728A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X